PART |
Description |
Maker |
MTW26N15E ON2689 |
TMOS POWER FET 26 AMPERES 150 VOLTS RDS(on) = 0.095 OHM 26 A, 150 V, 0.095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FP00013K30F6201B8 FP0004 FP00021K30F9251B8 FP00022 |
VISFP00013K30F6201B8 FP1 :6201 3.3K 1% B Metal Film Resistors, Industrial, Flameproof Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1300 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 20000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT VISFP000233R0F9251EK A2V00001421814 RES Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Res Metal Film 230K Ohm 1% 1W ±150ppm/C Conformal AXL Thru-Hole T/R Film/Foil Resistor, RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 150000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 3 W, 1 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Dale Vishay Siliconix
|
RF1K49223 FN4322 |
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFETPower MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET Power MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET?Power MOSFET From old datasheet system 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET⑩ Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FP00021K74F9251EA FP00023K74F9251CH FP00423K74F920 |
RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 3740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 6190 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 1820 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 120000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 2 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 1 %, 150 ppm, 47.5 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 10 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 5 %, 150 ppm, 47 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 2 %, 150 ppm, 30 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 5 %, 150 ppm, 30 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 0.5 W, 1 %, 150 ppm, 30.1 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
HUF75823D3S HUF75823D3 |
14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET 14A 150V 0.150 Ohm N-Channel UltraFET Power MOSFET 14A, 150V, 0.150 Ohm, N-Channel, UltraFETPower MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
AP13P15GJ-HF AP13P15GH-HF |
13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Lower On-resistance, Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
FP00021K74F9251CJ FP00023K74F9251EK FP00022K74F925 |
RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 3740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1740 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 1820 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Vishay Intertechnology, Inc.
|
RFD15P05 RFD15P05SM RFP15P05 FN2387 |
15A/ 50V/ 0.150 Ohm/ P-Channel Power MOSFETs 15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
RFD15P06 RFD15P06SM FN3988 RFP15P06 |
From old datasheet system 15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs 15A/ 60V/ 0.150 Ohm/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
IRFU211 |
2.7 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
|
|